Part Number Hot Search : 
VCH162 F222M 2E20UM 278BZC 4001B HD6473 1H470 TSM103
Product Description
Full Text Search
 

To Download TC40-11GWA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 101.6mm (4.0 INCH) 5x7 DOT MATRIX DISPLAY
Part Number: TC40-11GWA Green
Features
4.0 INCH MATRIX HEIGHT. DOT SIZE 10mm. LOW CURRENT OPERATION. HIGH CONTRAST AND LIGHT OUTPUT. COMPATIBLE WITH ASCII AND EBCDIC CODES. STACKABLE HORIZONTALLY. COLUMN ANODE AVAILABLE. EASY MOUNTING ON P.C. BOARDS OR SOCKETS. MULTICOLOR AVAILABLE. MECHANICALLY RUGGED. STANDARD : GRAY FACE, WHITE DOT. RoHS COMPLIANT.
Description
The Green source color devices are made with Gallium Phosphide Green Light Emitting Diode.
Package Dimensions& Internal Circuit Diagram
Notes: 1. All dimensions are in millimeters (inches), Tolerance is 0.25(0.01")unless otherwise noted. 2. Specifications are subject to change without notice.
SPEC NO: DSAD2489 APPROVED: WYNEC
REV NO: V.9 CHECKED: Joe Lee
DATE: MAY/24/2007 DRAWN: Y.L.LI
PAGE: 1 OF 4 ERP: 1332000674
Selection Guide
Part No. Dice Lens Type Iv (ucd) [1] @ 10mA Min. TC40-11GWA Green (GaP) WHITE DIFFUSED 12000 Typ. 42000 Column Cathode Description
Note: 1. Luminous intensity/ luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance (Per Chip) Forward Voltage (Per Dot) Reverse Current (Per Dot) Device Green Green Green Green Green Green Typ. 565 568 30 15 4.4 5.0 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR=10V
Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation (Per Dot) DC Forward Current (Per Dot) Peak Forward Current [1] (Per Dot) Reverse Voltage (Per Dot) Operating / Storage Temperature Lead Solder Temperature[2]
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 2mm below package base.
Green 125 25 140 10 -40C To +85C 260C For 3-5 Seconds
Units mW mA mA V
SPEC NO: DSAD2489 APPROVED: WYNEC
REV NO: V.9 CHECKED: Joe Lee
DATE: MAY/24/2007 DRAWN: Y.L.LI
PAGE: 2 OF 4 ERP: 1332000674
Green
TC40-11GWA
SPEC NO: DSAD2489 APPROVED: WYNEC
REV NO: V.9 CHECKED: Joe Lee
DATE: MAY/24/2007 DRAWN: Y.L.LI
PAGE: 3 OF 4 ERP: 1332000674
PACKING & LABEL SPECIFICATIONS
TC40-11GWA
SPEC NO: DSAD2489 APPROVED: WYNEC
REV NO: V.9 CHECKED: Joe Lee
DATE: MAY/24/2007 DRAWN: Y.L.LI
PAGE: 4 OF 4 ERP: 1332000674


▲Up To Search▲   

 
Price & Availability of TC40-11GWA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X